Part Number Hot Search : 
ADVANCED SYSTEM BL151G ADVANCED AMPHENOL AD1584A Z5SMC130 AOD454
Product Description
Full Text Search
 

To Download KBL005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CE
CHENYI ELECTRONICS FEATURES
Ideal for printed circuit board Surge overload rating: 200A peak High case dielectric strength
KBL005 THRU KBL10
SINGLE PHASE GLASS BRIDGE RECTIFIER
Voltage: 50 TO 1000V CURRENT:4.0A
MECHANICAL DATA
. Terminal: Plated leads solderable per MIL-STD 202E, method 208C . Case: UL-94 Class V-0 recognized Flame Retardant Epoxy . Polarity: Polarity symbol marked on body . Mounting position: any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60HZ, resistive or inductive load rating at 25 for capacitive load, derate current by 20%) SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified current at Ta=50 Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at forward current 4.0A DC Maximum DC Reverse Voltage Ta=25 at rated DC blocking voltage Ta=100 Operating Temperature Range Storage and operation Junction Temperature Ir Tj Tstg Vf 1.1 10.0 1.0 -55 to +125 -55 to +150 V A mA Ifsm 200 A If(av) 4.0 A Vrrm Vrms Vdc KBL 005 50 35 50 KBL 01 100 70 100 KBL 02 200 140 200 KBL04 400 280 400 KBL 06 600 420 600 KBL 08 800 560 800 KBL 10 1000 700 1000 , unless otherwise stated,
units
v v v
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2
CE
CHENYI ELECTRONICS
KBL005 THRU KBL10
SINGLE PHASE GLASS BRIDGE RECTIFIER
Voltage: 50 TO 1000V CURRENT:4.0A
RATINGS AND CHARACTERISTIC CURVES KBL005 THRU KBL10
FIG.1-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS FIG.4-TYPICAL REVERSE CHARACTERISTICS
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of KBL005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X